Part Number Hot Search : 
82N24 CD4514 63085 1PS76SB DF05124 LCWC0805 LOU3000 170M6342
Product Description
Full Text Search
 

To Download AD7653 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY TECHNICAL DATA
a
16-Bit 1 MSPS SAR Unipolar ADC with Ref Preliminary Technical Data AD7667*
FEATURES Throughput: 1 MSPS (Warp Mode) 800 kSPS (Normal Mode) INL: 2.5 LSB Max (0.0038% of Full Scale) 16 Bits Resolution with No Missing Codes Analog Input Voltage Range: 0 V to 2.5 V No Pipeline Delay Parallel and Serial 5 V/3 V Interface SPITM/QSPITM/MICROWIRETM/DSP Compatible Single 5 V Supply Operation Power Dissipation 112 mW Typ without REF, 122 mW Typ with REF 15 W @ 100 SPS Power-Down Mode: 7 W Max Package: 48-Lead Quad Flat Pack (LQFP); 48-Lead Chip Scale Package (LFCSP); Pin-to-Pin Compatible with PulSAR ADCs APPLICATIONS Data Acquisition Instrumentation Digital Signal Processing Spectrum Analysis Medical Instruments Battery-Powered Systems Process Control
FUNCTIONAL
REFBUFIN
AGND AVDD
BLOCK
DIAGRAM
DVDD DGND OVDD
SERIAL PORT
REF REFGND
AD7667
2.5 V REF
OGND
16
IN INGND
SWITCHED CAP DAC
DATA[15:0] BUSY
PARALLEL INTERFACE
CLOCK
PDREF
RD CS SER/PAR OB/2C
PDBUF
PD RESET
CONTROL LOGIC AND CALIBRATION CIRCUITRY
BYTESWAP
WARP IMPULSE CNVST
PulSAR Selection
Type / kSPS Pseudo Differential
100 - 250 AD7651 AD7660/61
500 - 570 AD7650/52 AD7664/66
1000 AD7653 AD7667
True Bipolar True Differential
AD7663 AD7675
AD7665 AD7676
AD7671 AD7677
PRODUCT HIGHLIGHTS GENERAL DESCRIPTION
The AD7667 is a 16-bit, 1 MSPS, charge redistribution SAR, analog-to-digital converter that operates from a single 5 V power supply. The part contains a high-speed 16-bit sampling ADC, an internal conversion clock, internal reference, error correction circuits, and both serial and parallel system interface ports. It features a very high sampling rate mode (Warp) and, for asynchronous conversion rate applications, a fast mode (Normal) and, for low power applications, a reduced power mode (Impulse) where the power is scaled with the throughput. It is fabricated using Analog Devices' high-performance, 0.6 micron CMOS process, with correspondingly low cost and is available in a 48-lead LQFP and a tiny 48-lead LFCSP with operation specified from -40C to +85C.
*Patent pending. SPI and QSPI are trademarks of Motorola Inc. MICROWIRE ia a trademark of National Semiconductor Corporation
1. Fast Throughput The AD7667 is a 1 MSPS, charge redistribution, 16-bit SAR ADC with internal error correction circuitry. 2. Internal Reference The AD7667 has an internal reference and allows for an external reference to be used. 3. Superior INL The AD7667 has a maximum integral nonlinearity of 2.5 LSB with no missing 16-bit code. 4. Single-Supply Operation The AD7667 operates from a single 5 V supply and dissipates a typical of 112 mW. In impulse mode, its power dissipation decreases with the throughput. It consumes 7 W maximum when in power-down. 5. Serial or Parallel Interface Versatile parallel or 2-wire serial interface arrangement compatible with both 3 V or 5 V logic.
REV. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700 Fax: 781/326-8703
www.analog.com (c) Analog Devices, Inc., 2002
PRELIMINARY TECHNICAL DATA
AD7667 -SPECIFICATIONS (-40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)
Parameter RESOLUTION ANALOG INPUT Voltage Range Operating Input Voltage Analog Input CMRR Input Current Input Impedance THROUGHPUT SPEED Complete Cycle Throughput Rate Time Between Conversions Complete Cycle Throughput Rate Complete Cycle Throughput Rate DC ACCURACY Integral Linearity Error No Missing Codes Transition Noise Full-Scale Error2 Unipolar Zero Error2 Power Supply Sensitivity AC ACCURACY Signal-to-Noise Spurious Free Dynamic Range Total Harmonic Distortion Signal-to-(Noise+Distortion) -3 dB Input Bandwidth SAMPLING DYNAMICS Aperture Delay Aperture Jitter Transient Response REFERENCE Internal Reference Voltage Internal Reference Source Current Internal Reference Temp Drift Internal Reference Temp Drift Turn-on Settling Time External Reference Voltage Range External Reference Current Drain Temperature Pin Voltage Output @ 25 C Conditions Min 16 VIN - VINGND VIN VINGND fIN = 10 kHz 1 MSPS Throughput 0 -0.1 -0.1 TBD 11 See Analog Input Section 1 1000 1 1.25 800 1.5 666 +2.5 0.7 REF = 2.5 V AVDD = 5 V 5% fIN = 100 kHz fIN = 100 kHz fIN = 45 kHz fIN = 100 kHz fIN = 100 kHz -60 dB Input, fIN = 100 kHz TBD TBD 90 100 -100 -100 90 30 TBD 2 5 Full-Scale Step @ 25 C TBD 2.5 TBD 250 TBD TBD TBD VREF +3 +0.5 Typ Max Unit Bits V V V dB A
In Warp Mode In Warp Mode In Warp Mode In Normal Mode In Normal Mode In Impulse Mode In Impulse Mode
1 0 0 -2.5 16
s kSPS ms s kSPS s kSPS LSB 1 Bits LSB % of FSR LSB LSB dB dB dB dB dB dB MHz ns ps rms ns V A
-40 C to +85 C 0 C to +70 C
2.3 1 MSPS Throughput
TBD TBD
TBD 2.5 TBD AVDD - 1.85
ppm/ C ppm/ C
V A
Temperature Sensitivity
Output Resistance DIGITAL INPUTS Logic Levels VIL VIH IIL IIH DIGITAL OUTPUTS Data Format Pipeline Delay VOL VOH POWER SUPPLIES Specified Performance AVDD DVDD OVDD ISINK = 1.6 mA ISOURCE = -500 A
313 1
4.3
mV mV/ C
k
-0.3 2.0 -1 -1
+0.8 OVDD + 0.3 +1 +1 Parallel or Serial 16-Bits Conversion Results Available Immediately after Completed Conversion 0.4
V V A A
OVDD - 0.6
V V
4.75 4.75 2.7
5 5
5.25 5.25 5.25 9
V V V
-2-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
Parameter Operating Current4 AVDD 5 DVDD 5 OVDD 5 Power Dissipation5 without REF Power Dissipation5 with REF TEMPERATURE RANGE8 Specified Performance Conditions 1 MSPS Throughput Min Typ TBD TBD TBD 112 15 TBD 122 10.015 TBD -40 +85 Max Unit mA mA A mW W W mW mW W
1 MSPS Throughput 100 SPS Throughput6 In Power-Down Mode7 1 MSPS Throughput 100 SPS Throughput6 In Power-Down Mode7 TMIN to TMAX
C
NOTES 1 LSB means Least Significant Bit. With the 0 V to 2.5 V input range, one LSB is 38.15 V. 2 See Definition of Specifications section. These specifications do not include the error contribution from the external reference. 3 All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale unless otherwise specified. 4 In warp mode. 5 Tested in parallel reading mode using external reference. 6 In impulse mode with external REF. 7 With all digital inputs forced to DVDD or DGND respectively. 8 Contact factory for extended temperature range.
9
The max should be the minimum of 5.25V and DVDD+0.3 V.
Specifications subject to change without notice.
TIMING SPECIFICATIONS (-40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)
Symbol REFER TO FIGURES 11 AND 12 Convert Pulsewidth Time Between Conversions (Warp Mode/Normal Mode/Impulse Mode) CNVST LOW to BUSY HIGH Delay BUSY HIGH All Modes Except in Master Serial Read After Convert Mode (Warp Mode/Normal Mode/Impulse Mode) Aperture Delay End of Conversion to BUSY LOW Delay Conversion Time (Warp Mode/Normal Mode/Impulse Mode) Acquisition Time RESET Pulsewidth REFER TO FIGURES 13, 14, AND 15 (Parallel Interface Modes) CNVST LOW to DATA Valid Delay (Warp Mode/Normal Mode/Impulse Mode) DATA Valid to BUSY LOW Delay Bus Access Request to DATA Valid Bus Relinquish Time REFER TO FIGURES 16 AND 17 (Master Serial Interface Modes)2 CS LOW to SYNC Valid Delay CS LOW to Internal SCLK Valid Delay2 CS LOW to SDOUT Delay CNVST LOW to SYNC Delay (Warp Mode/Normal Mode/Impulse Mode) SYNC Asserted to SCLK First Edge Delay Internal SCLK Period3 Internal SCLK HIGH3 Internal SCLK LOW3 SDOUT Valid Setup Time3 SDOUT Valid Hold Time3 SCLK Last Edge to SYNC Delay3 CS HIGH to SYNC HI-Z CS HIGH to Internal SCLK HI-Z CS HIGH to SDOUT HI-Z BUSY HIGH in Master Serial Read after Convert3 (Warp Mode/Normal Mode/Impulse Mode) CNVST LOW to SYNC Asserted Delay (Warp Mode/Normal Mode/Impulse Mode) SYNC Deasserted to BUSY LOW Delay t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 t16 t17 t18 t19 t20 t21 t22 t23 t24 t25 t26 t27 t28 t29 t30 3 25 12 7 4 2 3 45 5 40 15 10 10 10 25/275/525 2 10 0.75/1/1.25 250 10 0.75/1/1.25 Min 5 1/1.25/1.5 Typ Max Unit ns s ns s Note 1 30 0.75/1/1.25
ns ns s ns ns s ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s s ns
40
10 10 10 See Table I 0.75/1/1.25 25
REV. PrA
-3-
PRELIMINARY TECHNICAL DATA AD7667
Symbol REFER TO FIGURES 18 AND 20 (Slave Serial Interface Modes)2 External SCLK Setup Time External SCLK Active Edge to SDOUT Delay SDIN Setup Time SDIN Hold Time External SCLK Period External SCLK HIGH External SCLK LOW Min Typ Max Unit
t31 t32 t33 t34 t35 t36 t37
5 3 5 5 25 10 10
18
ns ns ns ns ns ns ns
NOTES 1 In warp mode only, the maximum time between conversions is 1 ms; otherwise, there is no required maximum time. 2 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum. 3 In serial master read during convert mode. See Table I for serial master read after convert mode. Specifications subject to change without notice.
Table I. Serial clock timings in Master Read after Convert
DIVSCLK[1] DIVSCLK[0] SYNC to SCLK First Edge Delay Minimum Internal SCLK Period minimum Internal SCLK Period typical Internal SCLK HIGH Minimum Internal SCLK LOW Minimum SDOUT Valid Setup Time Minimum SDOUT Valid Hold Time Minimum SCLK Last Edge to SYNC Delay Minimum Busy High Width Maximum (Warp) Busy High Width Maximum (Normal) Busy High Width Maximum (Impulse)
t18 t19 t19 t20 t21 t22 t23 t24 t24 t24 t24
0 0 3 25 40 12 7 4 2 3 1.5 1.75 2
0 1 17 50 70 22 21 18 4 60 2 2.25 2.5
1 0 17 100 140 50 49 18 30 140 3 3.25 3.5
1 1 17 200 280 100 99 18 89 300 5.25 5.55 5.75
unit ns ns ns ns ns ns ns ns s s s
-4-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
ABSOLUTE MAXIMUM RATINGS*
IN2, TEMP2,REF, REFBUFIN, INGND, REFGND to AGND . . . . . . . . . . . . . . . . . . . . . . . AVDD + 0.3 V to AGND - 0.3 V Ground Voltage Differences AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . . 0.3 V Supply Voltages AVDD, DVDD, OVDD . . . . . . . . . . . . . . . -0.3V to +7 V AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . 7 V DVDD to OVDD . . . . . . . . . . . . . . . . . . . . -0.3V to +7 V Digital Inputs . . . . . . . . . . . . . . . . -0.3 V to DVDD + 3.0 V Internal Power Dissipation3 . . . . . . . . . . . . . . . . . . . 700 mW Internal Power Dissipation4 . . . . . . . . . . . . . . . . . . . . . 2.5 W Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 See Analog Input section. 3 Specification is for the device in free air: 48-Lead LQFP; JA = 91C/W, JC = 30C/W 4 Specification is for the device in free air: 48-Lead LFCSP; JA = 26C/W
1.6mA
IOL
TO OUTPUT PIN
1.4V CL 60pF* 500 A IOH
*IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
Figure 1. Load Circuit for Digital Interface Timing, SDOUT, SYNC, SCLK Outputs, CL = 10 pF
2V 0.8V
t DELAY
2V 0.8V
t DELAY
2V 0.8V
Figure 2. Voltage Reference Levels for Timing
ORDERING GUIDE
Model AD7667AST AD7667ASTRL AD7667ACP AD7667ACPRL EVAL-AD7667CB1 EVAL-CONTROL BRD22
Temperature Range -40C -40C -40C -40C to to to to +85C +85C +85C +85C
Package Description Quad Flatpack (LQFP) Quad Flatpack (LQFP) Chip Scale (LFCSP) Chip Scale (LFCSP)
Package Option ST-48 ST-48 CP-48 CP-48 Evaluation Board Controller Board
NOTES 1 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes. 2 This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7667 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. PrA
-5-
PRELIMINARY TECHNICAL DATA AD7667
PIN CONFIGURATION 48-Lead LQFP (ST-48)
PDBUF PDREF REFBUFIN TEMP NC IN NC NC NC AGND 1 AVDD 2 NC BYTESWAP OB/2C WARP IMPULSE SER/PAR D0 D1 D2/SCLK0 D3/SCLK1
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 PIN 1 IDENTIFIER
INGND REFGND REF AGND CNVST 34 PD
36 35 33 32
AD7667
TOP VIEW (Not to Scale)
RESET CS RD DGND
31 30 29 28
BUSY D15 27 D14 26 D13 25 D12 D4/EXT/INT D5/INVSYNC D6/INVSCLK D7/RDC/SDIN OGND OVDD DVDD DGND D8/SDOUT D9/SCLK D10/SYNC D11/RDERROR
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3, 40-42, 44 4
Mnemonic AGND AVDD NC BYTESWAP
Type P P
Description Analog Power Ground Pin Input Analog Power Pins. Nominally 5 V. No Connect Parallel Mode Selection (8/16 bit). When LOW, the LSB is output on D[7:0] and the MSB is output on D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on D[7:0]. Straight Binary/Binary Two's Complement. When OB/2C is HIGH, the digital output is straight binary; when LOW, the MSB is inverted resulting in a two's complement output from its internal shift register. Mode Selection. When HIGH and IMPULSE LOW, this input selects the fastest mode, the maximum throughput is achievable, and a minimum conversion rate must be applied in order to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of the minimum conversion rate. Mode Selection. When HIGH and WARP LOW, this input selects a reduced power mode. In this mode, the power dissipation is approximately proportional to the sampling rate. Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the serial interface mode is selected and some bits of the DATA bus are used as a serial port. Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, these outputs are in high impedance. When SER/PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, EXT/INT is LOW, and RDC/SDIN is LOW, which is serial master read after convert, these inputs, part of the serial port, are used to slow down if desired the internal serial clock which clocks the data output. In other serial moes, these pins are not used When SER/PAR is LOW, this output is used as Bit 4 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used as a digital select input for choosing the internal or an external data clock. With EXT/INT tied LOW, the internal clock is selected on SCLK output. With EXT/INT set to a logic HIGH, output data is syn chronized to an external clock signal connected to the SCLK input. When SER/PAR is LOW, this output is used as Bit 5 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used to select the active -6- REV. PrA
DI
5
OB/2C
DI
6
WARP
DI
7 8 9,10 11,12
IMPULSE SER/PAR DATA[0:1] DATA[2:3]or DIVSCLK[0:1]
DI DI DI DI/O
13
DATA[4] or EXT/INT
DI/O
14
DATA[5] or INVSYNC
DI/O
PRELIMINARY TECHNICAL DATA AD7667
Pin No. Mnemonic Type Description state of the SYNC signal. It is active in both master and slave mode. When LOW, SYNC is active HIGH. When HIGH, SYNC is active LOW. When SER/PAR is LOW, this output is used as Bit 6 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used to invert the SCLK signal. It is active in both master and slave mode. When SER/PAR is LOW, this output is used as Bit 7 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used as either an external data input or a read mode selection input depending on the state of EXT/INT. When EXT/INT is HIGH, RDC/SDIN could be used as a data input to daisy chain the conversion results from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is output on DATA with a delay of 16 SCLK periods after the initiation of the read sequence. When EXT/INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is HIGH, the data is output on SDOUT during conversion. When RDC/SDIN is LOW, the data can be output on SDOUT only when the conversion is complete. Input/Output Interface Digital Power Ground Input/Output Interface Digital Power. Nominally at the same supply than the supply of the host interface (5 V or 3 V). Digital Power. Nominally at 5 V. Digital Power Ground When SER/PAR is LOW, this output is used as Bit 8 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this output, part of the serial port, is used as a serial data out put synchronized to SCLK. Conversion results are stored in an on-chip register. The AD7667 provides the conversion result, MSB first, from its internal shift register. The DATA format is determined by the logic level of OB/2C. In serial mode, when EXT/INT is LOW, SDOUT is valid on both edges of SCLK. In serial mode, when EXT/INT is HIGH: If INVSCLK is LOW, SDOUT is updated on SCLK rising edge and valid on the next falling edge. If INVSCLK is HIGH, SDOUT is updated on SCLK falling edge and valid on the next rising edge. When SER/PAR is LOW, this output is used as the Bit 9 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this pin, part of the serial port, is used as a serial data clock input or output, dependent upon the logic state of the EXT/INT pin. The active edge where the data SDOUT is updated depends upon the logic state of the INVSCLK pin. When SER/PAR is LOW, this output is used as the Bit 10 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this output, part of the serial port, is used as a digital output frame synchronization for use with the internal data clock (EXT/INT = Logic LOW). When a read sequence is initiated and INVSYNC is LOW, SYNC is driven HIGH and remains HIGH while SDOUT output is valid. When a read sequence is initiated and INVSYNC is HIGH, SYNC is driven LOW and remains LOW while SDOUT output is valid. When SER/PAR is LOW, this output is used as the Bit 11 of the Parallel Port Data Output Bus. When SER/PAR is HIGH and EXT/INT is HIGH, this output, part of the serial port, is used as a incomplete read error flag. In slave mode, when a data read is started and not complete when the following conversion is complete, the current data is lost and RDERROR is pulsed high. Bit 12 to Bit 15 of the Parallel Port Data output bus. These pins are always outputs regard less of the state of SER/PAR. Busy Output. Transitions HIGH when a conversion is started, and remains HIGH until the conversion is complete and the data is latched into the on-chip shift register. The fall ing edge of BUSY could be used as a data ready clock signal. Must Be Tied to Digital Ground Read Data. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. Chip Select. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. CS is also used to gate the external clock. -7-
15
DATA[6] or INVSCLK
DI/O
16
DATA[7] or RDC/SDIN
DI/O
17 18 19 20 21
OGND OVDD DVDD DGND DATA[8] or SDOUT
P P P P DO
22
DATA[9] or SCLK
DI/O
23
DATA[10] or SYNC
DO
24
DATA[11] or RDERROR
DO
25-28 29 30 31 32
DATA[12:15] DO BUSY DGND RD CS DO P DI DI
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
Pin No. 33 34 35 Mnemonic RESET PD CNVST Type DI DI DI Description Reset Input. When set to a logic HIGH, reset the AD7667. Current conversion if any is aborted. If not used, this pin could be tied to DGND. Power-Down Input. When set to a logic HIGH, power consumption is reduced and conver sions are inhibited after the current one is completed. Start Conversion. A falling edge on CNVST puts the internal sample/hold into the hold state and initiates a conversion. In impulse mode (IMPULSE HIGH and WARP LOW), if CNVST is held low when the acquisition phase (t8) is complete, the internal sample/hold is put into the hold state and a conversion is immediately started. Must Be Tied to Analog Ground Reference Input Voltage Reference Input Analog Ground Analog Input Ground Primart Analog Input with a Range of 0 to 2.5 V. Temperature sensor voltage output. Reference Input Voltage. The reference output and the reference buffer input. Allows choice of Internal or External voltage reference. When HIGH, the internal reference is switched off and an external reference must be used. When low,the on-chip refer ence is turned on. Allows choice of buffering internal reference. When LOW, the buffer is selected. When HIGH, the buffer is switched off.
36 37 38 39 43 45 46 47 48
AGND REF REFGND INGND IN TEMP REFBUFIN PDREF PDBUF
P AI AI AI AI AO AI/O DI DI
NOTES AI = Analog Input AI/O = Bidirectional Analog AO = Analog Output DI = Digital Input DI/O = Bidirectional Digital DO = Digital Output P = Power
-8-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
DEFINITION OF SPECIFICATIONS
INTEGRAL NONLINEARITY ERROR (INL)
ENOB = (S/[N+D]dB - 1.76)/6.02 and is expressed in bits.
TOTAL HARMONIC DISTORTION (THD)
Linearity error refers to the deviation of each individual code from a line drawn from "negative full scale" through "positive full scale." The point used as "negative full scale" occurs 1/2 LSB before the first code transition. "Positive full scale" is defined as a level 1 1/2 LSB beyond the last code transition. The deviation is measured from the middle of each code to the true straight line.
DIFFERENTIAL NONLINEARITY ERROR (DNL)
THD is the ratio of the rms sum of the first five harmonic components to the rms value of a full-scale input signal and is expressed in decibels.
SIGNAL-TO-NOISE RATIO (SNR)
In an ideal ADC, code transitions are 1 LSB apart. Differential nonlinearity is the maximum deviation from this ideal value. It is often specified in terms of resolution for which no missing codes are guaranteed.
FULL-SCALE ERROR
SNR is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding harmonics and dc. The value for SNR is expressed in decibels.
SIGNAL TO (NOISE + DISTORTION) RATIO (S/[N+D])
The last transition (from 011 . . . 10 to 011 . . . 11 in two's complement coding) should occur for an analog voltage 1 1/2 LSB below the nominal full scale (2.49994278 V for the 0 V-2.5 V range). The full-scale error is the deviation of the actual level of the last transition from the ideal level.
UNIPOLAR ZERO ERROR
S/(N+D) is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for S/(N+D) is expressed in decibels.
APERTURE DELAY
The first transition should occur at a level 1/2 LSB above analog ground (19.073 V for the 0 V-2.5 V range). Unipolar zero error is the deviation of the actual transition from that point.
SPURIOUS FREE DYNAMIC RANGE (SFDR)
Aperture delay is a measure of the acquisition performance and is measured from the falling edge of the CNVST input to when the input signal is held for a conversion.
TRANSIENT RESPONSE
The difference, in decibels (dB), between the rms amplitude of the input signal and the peak spurious signal.
EFFECTIVE NUMBER OF BITS (ENOB)
The time required for the AD7667 to achieve its rated accuracy after a full-scale step function is applied to its input.
OVERVOLTAGE RECOVERY
ENOB is a measurement of the resolution with a sine wave input. It is related to S/(N+D) by the following formula:
The time required for the ADC to recover to full accuracy after an analog input signal 150% of full-scale is reduced to 50% of the full-scale value.
REV. PrA
-9-
PRELIMINARY TECHNICAL DATA AD7667
0 -20 -40 -60 -80 -100
-100 0 -20 -40 -60
TO BE SUPPLIED
TO BE SUPPLIED
-80
-120
-120
-140
-140
-160 1
-160 1
TPC 1. Integral Nonlinearity vs. Code
TPC 4. Differential Nonlinearity vs. Code
0 -20 -40 -60 -80 -100 -120 -140 -160 1
0 -20 -40
TO BE SUPPLIED
-60 -80 -100 -120 -140 -160
TO BE SUPPLIED
1
TPC 2. Histogram of 16,384 Conversions of a DC Input at the Code Transition
TPC 5. Histogram of 16,384 Conversions of a DC Input at the Code Center
0 -20 -40 -60 -80 -100
0 -20 -40 -60 -80
TO BE SUPPLIED
TO BE SUPPLIED
-100 -120
-120
-140
-140
-160
-160 1
1
TPC 3. FFT Plot
TPC 6. SNR, THD vs. Temperature
-10-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
0
0
-20 -40 -60 -80 -100 -120 -140 -160 1
-20 -40 -60 -80 -100 -120 -140 -160 1
TO BE SUPPLIED
TO BE SUPPLIED
TPC 7. SNR, S/(N+D), and ENOB vs. Frequency TPC 10. THD, Harmonics, and SFDR vs. Frequency
0 -20 -40 -60 -80 -100 -120 -140 -160 1
0 -20
TO BE SUPPLIED
-40 -60 -80 -100 -120 -140 -160 1
TO BE SUPPLIED
TPC 8. SNR and S/(N+D) vs. Input Level (Referred to Full Scale)
TPC 11. Typical Delay vs. Load Capacitance CL
0 -20 -40 -60 -80 -100 -120 -140 -160 1
0 -20
TO BE SUPPLIED
-40 -60 -80 -100 -120 -140 -160 1
TO BE SUPPLIED
TPC 9. Operating Currents vs. Sample Rate TPC 12. Power-Down Operating Currents vs. Temperature
REV. PrA
-11-
PRELIMINARY TECHNICAL DATA AD7667
CIRCUIT INFORMATION
The AD7667 is a very fast, low power, single supply, precise 16-bit analog-to-digital converter (ADC). The AD7667 features different modes to optimize performances according to the applications. In warp mode, the AD7667 is capable of converting 1,000,000 samples per second (1MSPS). The AD7667 provides the user with an on-chip track/hold, successive approximation ADC that does not exhibit any pipeline or latency, making it ideal for multiple multiplexed channel applications. The AD7667 can be operated from a single 5 V supply and be interfaced to either 5 V or 3 V digital logic. It is housed in either a 48-lead LQFP package or a 48-lead LFCSP that saves space and allows flexible configurations as either serial or parallel interface. The AD7667 is a pin-to-pin compatible upgrade of the AD7661/64/66.
CONVERTER OPERATION
After the completion of this process, the control logic generates the ADC output code and brings BUSY output low.
Modes of Operation
The AD7667 features three modes of operations, Warp, Normal, and Impulse. Each of these modes is more suitable for specific applications. The Warp mode allows the fastest conversion rate up to 1 MSPS. However, in this mode, and this mode only, the full specified accuracy is guaranteed only when the time between conversion does not exceed 1 ms. If the time between two consecutive conversions is longer than 1 ms, for instance, after power-up, the first conversion result should be ignored. This mode makes the AD7667 ideal for applications where both high accuracy and fast sample rate are required. The normal mode is the fastest mode (800 kSPS) without any limitation about the time between conversions. This mode makes the AD7667 ideal for asynchronous applications such as data acquisition systems, where both high accuracy and fast sample rate are required. The impulse mode, the lowest power dissipation mode, allows power saving between conversions. When operating at 100 SPS, for example, it typically consumes only 15 W. This feature makes the AD7667 ideal for battery-powered applications.
Transfer Functions
The AD7667 is a successive-approximation analog-to-digital converter based on a charge redistribution DAC. Figure 3 shows the simplified schematic of the ADC. The capacitive DAC consists of an array of 16 binary weighted capacitors and an additional "LSB" capacitor. The comparator's negative input is connected to a "dummy" capacitor of the same value as the capacitive DAC array. During the acquisition phase, the common terminal of the array tied to the comparator's positive input is connected to AGND via SWA. All independent switches are connected to the analog input IN. Thus, the capacitor array is used as a sampling capacitor and acquires the analog signal on IN input. Similarly, the "dummy" capacitor acquires the analog signal on INGND input. When the CNVST input goes low, a conversion phase is initiated. When the conversion phase begins, SWA and SWB are opened first. The capacitor array and the "dummy" capacitor are then disconnected from the inputs and connected to the REFGND input. Therefore, the differential voltage between IN and INGND captured at the end of the acquisition phase is applied to the comparator inputs, causing the comparator to become unbalanced. By switching each element of the capacitor array between REFGND or REF, the comparator input varies by binary-weighted voltage steps (VREF/2, VREF/4, . . . VREF/65536). The control logic toggles these switches, starting with the MSB first, to bring the comparator back into a balanced condition.
Using the OB/2C digital input, the AD7667 offers two output codings: straight binary and two's complement. The LSB size is VREF/65536, which is about 38.15 V. The ideal transfer characteristic for the AD7667 is shown in Figure 4 and Table I.
1 LSB = VREF/65536
ADC CODE Straight Binary
111...111 111...110 111...101
000...010 000...001 000...000
0V 1 LSB 0.5 LSB VREF 1 LSB VREF 1.5 LSB ANALOG INPUT
Figure 4. ADC Ideal Transfer Function
IN REF REFGND
MSB
32,768C 16,384C
4C
2C
C
C
LSB
SWA
SWITCHES CONTROL
BUSY
COMP
INGND
65,536C
CONTROL LOGIC
OUTPUT CODE
SWB
CNVST
Figure 3. ADC Simplified Schematic
-12-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
Table I. Output Codes and Ideal Input Voltages Digital Output Code Hexa Straight Two's Binary CompleFFFF1 FFFE 8001 8000 7FFF 0001 00002 7FFF 1 7FFE 0001 0000 FFFF 8001 80002 TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7667.
Analog Input
Description
ment FSR -1 LSB FSR - 2 LSB Midscale + 1 LSB Midscale Midscale - 1 LSB -FSR + 1 LSB -FSR
Analog Input 2.499962 V 2.499923 V 1.250038 V 1.25 V 1.249962 V 38 V 0V
Figure 6 shows an equivalent circuit of the input structure of the AD7667.
AVDD D1 IN OR INGND AGND C1 C2
R1
D2
Figure 6. Equivalent Analog Input Circuit
NOTES 1 This is also the code for overrange analog input (VIN - VINGND above VREF - VREFGND). 2 This is also the code for underrange analog input (VIN below V INGND).
The two diodes D1 and D2 provide ESD protection for the analog inputs IN and INGND. Care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 0.3 V. This will cause these diodes to become forward-biased and start conducting current. These diodes can handle a forward-biased current of 100 mA maximum. For instance, these conditions could eventually occur when the input buffer's (U1) supplies are
ANALOG SUPPLY (5V) 10 F 100nF
100 10 F 100nF 100nF 10 F
DIGITAL SUPPLY (3.3V OR 5V)
AVDD
AGND
DGND
DVDD
OVDD
OGND SCLK
SERIAL PORT
REF 47 F 100 nF REFBUFIN1 REFGND SDOUT
BUSY
AD7667
CNVST U12 CC 15 IN 2.7nF INGND PDREF PD PDBUF RESET CS RD OB/ 2C SER/ PAR WARP BYTESWAP IMPULSE CLOCK DVDD D3
C/ P/DSP
ANALOG INPUT (0V TO 2.5V)
NOTES:
1 2
THE CONFIGURATION SHOWN IS USING THE INTERNAL REFERENCE AND INTERNAL BUFFER THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION. 3 OPTIONAL LOW JITTER CNVST.
Figure 5. Typical Connection Diagram
REV. PrA
-13-
PRELIMINARY TECHNICAL DATA AD7667
different from AVDD. In such case, an input buffer with a short circuit current limitation can be used to protect the part. This analog input structure allows the sampling of the differential signal between IN and INGND. Unlike other converters, the INGND input is sampled at the same time as the IN input. By using this differential input, small signals common to both inputs are rejected, as shown in Figure 7, which represents the typical CMRR over frequency. For instance, by using INGND to sense a remote signal ground, difference of ground potentials between the sensor and the local ADC ground are eliminated.
0 -20 -40 -60 -80 -100 -120 -140 -160 1
Source Resistance
Driver Amplifier Choice
Although the AD7667 is easy to drive, the driver amplifier needs to meet at least the following requirements: - The driver amplifier and the AD7667 analog input circuit must be able together to settle for a full-scale step the capacitor array at a 16-bit level (0.0015%). In the amplifier's data sheet, the settling at 0.1% to 0.01% is more commonly specified. It could significantly differ from the settling time at 16 bit level and it should therefore be verified prior to the driver selection. The tiny op amp AD8021, which combines ultralow noise and a high-gain bandwidth, meets this settling time requirement even when used with high gain up to 13. - The noise generated by the driver amplifier needs to be kept as low as possible in order to preserve the SNR and transition noise performance of the AD7667. The noise coming from the driver is filtered by the AD7667 analog input circuit one-pole low-pass filter made by R1 and C2 or the external filter if any is used. The SNR degredation due to the amplifier is:
TO BE SUPPLIED
Figure 7. Analog Input CMR vs. Frequency
SNRLOSS = 20 LOG
During the acquisition phase, the impedance of the analog input IN can be modeled as a parallel combination of capacitor C1 and the network formed by the series connection of R1 and C2. Capacitor C1 is primarily the pin capacitance. The resistor R1 is typically 183 and is a lumped component made up of some serial resistors and the on resistance of the switches. The capacitor C2 is typically 60 pF and is mainly the ADC sampling capacitor. During the conversion phase, where the switches are opened, the input impedance is limited to C1. The R1, C2 makes a one-pole low-pass filter that reduces undesirable aliasing effect and limits the noise. When the source impedance of the driving circuit is low, the AD7667 can be driven directly. Large source impedances will significantly affect the ac performances, especially the total harmonic distortion. The maximum source impedance depends on the amount of total harmonic distortion (THD) that can be tolerated. The THD degrades in function of the source impedance and the maximum input frequency as shown in Figure TBD.
0 -20 -40 -60 -80 -100 -120 -140 -160 1
(
28
784 + f-3dB ( N eN )2 2
)
where f-3dB is the -3 dB input bandwidth of the AD7667 in MHz (14.5) or the cutoff frequency of the input filter if any used. N is the noise gain of the amplifier (1 if in buffer configuration).
e N is the equivalent input noise voltage of the op amp in nV/ (Hz) 1/2 . For instance, a driver like the AD8021, with an equivalent input noise of 2 nV/ Hz and configured as a buffer, thus with a noise gain of 1, the SNR degrades by only 0.13 dB with the filter used in figure 5. - The driver needs to have a THD performance suitable to that of the AD7667. The AD8021 meets these requirements and is usually appropriate for almost all applications. The AD8021 needs an external compensation capacitor of 10 pF. This capacitor should have good linearity as an NPO ceramic or mica type.
TO BE SUPPLIED
The AD8022 could also be used where dual version is needed and gain of 1 is used.
Figure 8. THD vs. Analog Input Frequency and
-14-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
The AD829 is another alternative where high-frequency (above 100 kHz) performance is not required. In gain of 1, it requires an 82 pF compensation capacitor. The AD8610 is another option where low bias current is needed in low-frequency applications.
Voltage Reference Input
The AD7667 allows the choice of either an internal 2.5 V voltage reference or an external 2.5 V reference. To use the internal reference along with the internal buffer, PDREF and PDBUF should both be LOW. This will produce a voltage on REFBUFIN of 1.25 V and the buffer's gain will be 2, resulting in a 2.5 V reference on REF pin. To use an external reference along with the internal buffer, PDREF should be HIGH and PDBUF should be LOW. This powers down the internal reference and allows for the 2.5 V reference to be applied to REFBUFIN. In this mode the buffer's gain is 1. To use both external reference, PDREF and PDBUF should both be HIGH. The reference input should be applied to REF. It is useful to decouple the REFBUFIN pin with a 100 nF ceramic capacitor. The output impedance of the REFBUFIN pin is 4 k . Thus, the 100 nF capacitor provides an RC filter for noise reduction. It should be noted that the internal reference and internal buffer are independent of the power down (PD) pin of the part. Powering down the part does not power down the internal reference or the internal buffer. Furthermore, powering down the internal reference and internal buffer, as well as powering them up, requires time. This is due to the fact that we have charging and discharging capacitors on the REF which require some settling time. Therefore, for applications requiring low power, there will always be a typical of 10 mW of power dissipated when using the internal reference and internal buffer even during times with no conversions. The internal reference is temperature compensated to 2.5V TBD mV. The reference is trimmed to provide a typical drift of TBD ppm/ C. This typical drift characteristic is shown in Figure TBD. For improved drift performance, an external reference such as the AD780 can be used.
For the external reference, the voltage reference input REF of the AD7667 has a dynamic input impedance; it should therefore be driven by a low-impedance source with an efficient decoupling between REF and REFGND inputs. This decoupling depends on the choice of the voltage reference but usually consists of a 1 F ceramic capacitor and a low ESR tantalum capacitor connected to the REF and REFGND inputs with minimum parasitic inductance. 47 F is an appropriate value for the tantalum capacitor when using either the internal reference of one of the recommended reference voltages: - The low noise, low temperature drift ADR421 and AD780 voltage references - The low power ADR291 voltage reference - The low cost AD1582 voltage reference For applications using multiple AD7667s, it is more effective to buffer the reference voltage using the internal buffer. To do so, PDREF should be HIGH, and PDBUF should be low. Care should also be taken with the reference temperature coefficient of the voltage reference which directly affects the full-scale accuracy if this parameter matters. For instance, a 15 ppm/C tempco of the reference changes the full scale by 1 LSB/C. VREF , as mentioned in the specification table, could be increased to AVDD - 1.85 V. The benefit here is the increased SNR obtained as a result of this increase. Since the input range is defined in terms of VREF, this would essentially increase the range to make it a 0 to 3 V input range with an AVDD above 4.85 V. One of the benefits here is the additional SNR obtained as a result of this increase. The theoretical improvement as a result of this increase in reference is 1.58 dB (20 log [3/2.5]). Due to the theoretical quantization noise, however, the observed improvement is approximately 1 dB. The AD780 can be selected with a 3 V reference voltage. The TEMP pin, which measures the temperature of the AD7667, can be used as follows. Refer to figure TBD to see the connectivity. The output of the TEMP pin is applied to one of the inputs of the analog switch (ADG779). The other input, as shown is the analog signal. The output of the switch is connected to the AD8021 which is configured as a follower. The output of the op-amp is applied to the IN pin. Refer to the Specification Table for the appropriate values related to the TEMP pin. This configuration could be very useful to improve the calibration accuracy over the temperature range.
0 -20 -40 -60 -80 -100 -120 -140 -160 1
TO BE SUPPLIED
ADG779
TEMP
ANALOG INPUT (UNIPOLAR)
IN
IN
temperature sensor
AD8021
CC
AD7667
Figure TBD REV. PrA -15-
PRELIMINARY TECHNICAL DATA AD7667
Figure TBD
t1
t2
Power Supply
CNVST
The AD7667 uses three sets of power supply pins: an analog 5 V supply AVDD, a digital 5 V core supply DVDD, and a digital input/output interface supply OVDD. The OVDD supply allows direct interface with any logic working between 2.7 V and DVDD + 0.3 V. To reduce the number of supplies needed, the digital core (DVDD) can be supplied through a simple RC filter from the analog supply as shown in Figure 5. The AD7667 is independent of power supply sequencing, once OVDD does not exceed DVDD by more than 0.3V, and thus free from supply voltage induced latchup.
POWER DISSIPATION Vs. THROUGHPUT
BUSY
t4
t3
t5
MODE
ACQUIRE CONVERT
t6
ACQUIRE
CONVERT
t7
t8
Figure 11. Basic Conversion Timing
Operating currents are very low during the acquisition phase, which allows a significant power saving when the conversion rate is reduced as shown in Figure 10. This power saving depends on the mode used. In impulse mode, the AD7667 automatically reduces its power consumption at the end of each conversion phase. This feature makes the AD7667 ideal for very low power battery applications. It should be noted that the digital interface remains active even during the acquisition phase. To reduce the operating digital supply currents even further, the digital inputs need to be driven close to the power supply rails (i.e., DVDD or DGND) and OVDD should not exceed DVDD by more than 0.3V.
0 -20 -40
In impulse mode, conversions can be automatically initiated. If CNVST is held low when BUSY is low, the AD7667 controls the acquisition phase and then automatically initiates a new conversion. By keeping CNVST low, the AD7667 keeps the conversion process running by itself. It should be noted that the analog input has to be settled when BUSY goes low. Also, at power-up, CNVST should be brought low once to initiate the conversion process. In this mode, the AD7667 could sometimes run slightly faster then the guaranteed limits in the impulse mode of 666 kSPS. This feature does not exist in warp or normal modes.
t9
RESET
BUSY
-60 -80 -100 -120 -140 -160 1
TO BE SUPPLIED
DATA
t8
CNVST
Figure 12. RESET Timing
Figure 10. Power Dissipation vs. Sample Rate CONVERSION CONTROL
Figure 11 shows the detailed timing diagrams of the conversion process. The AD7667 is controlled by the signal CNVST which initiates conversion. Once initiated, it cannot be restarted or aborted, even by the power-down input PD, until the conversion is complete. The CNVST signal operates independently of CS and RD signals.
Although CNVST is a digital signal, it should be designed with special care with fast, clean edges, and levels with minimum overshoot and undershoot or ringing. It is a good thing to shield the CNVST trace with ground and also to add a low value serial resistor (i.e., 50 ) termination close to the output of the component that drives this line. For applications where the SNR is critical, CNVST signal should have a very low jitter. Some solutions to achieve that is to use a dedicated oscillator for CNVST generation or, at least, to clock it with a high-frequency low-jitter clock as shown in Figure 5.
DIGITAL INTERFACE
The AD7667 has a versatile digital interface; it can be interfaced with the host system by using either a serial or
-16-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
parallel interface. The serial interface is multiplexed on the parallel data bus. The AD7667 digital interface also accommodates both 3 V or 5 V logic by simply connecting the OVDD supply pin of the AD7667 to the host system interface digital supply. Finally, by using the OB/2C input pin, both two's complement or straight binary coding can be used. The two signals CS and RD control the interface. CS and RD have a similar effect because they are OR'd together internally. When at least one of these signals is high, the interface outputs are in high impedance. Usually, CS allows the selection of each AD7667 in multicircuits applications and is held low in a single AD7667 design. RD is generally used to enable the conversion result on the data bus.
CS, RD
EXT/INT = 0
RDC/SDIN = 0
INVSCLK = INVSYNC = 0
t3
CNVST
BUSY
t 28
t 30
t 29
SYNC
t 25
t 18 t 19
t 14
t 20
SCLK
t 21
1 2 3 14 15
t 24
16
t 26
t 15
t 27
SDOUT
X
D15
D14
D2
D1
D0
t 16
t 22
t 23
Figure 16. Master Serial Data Timing for Reading (Read After Convert)
EXT/INT = 0
CS, RD
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
t1
CNVST
t3
BUSY
t 17
SYNC
t 25
t 14
t 19
t 20
t 21
2 3 14 15 16
t 24
SCLK
t 15
t 26
1
t 18
t 27
SDOUT
X D15 D14 D2 D1 D0
t 16
t 22
t 23
Figure 17. Master Serial Data Timing for Reading (Read Previous Conversion During Convert)
REV. PrA
-17-
PRELIMINARY TECHNICAL DATA AD7667
EXT/INT = 1 CS INVSCLK = 0
RD = 0
BUSY
t 36
SCLK
t 35 t 37
2 3 14 15 16 17 18
1
t 31
SDOUT
t 32
X
D15 D14 D13 D1 D0
X15
X14
t 16
t 34
X15 X14 X13 X1 X0 Y15 Y14
SDIN
t 33
Figure 18. Slave Serial Data Timing for Reading (Read After Convert)
CS = RD = 0
CS
t1
CNVST
RD
t 10
BUSY
t4
t3
DATA BUS
t 11
PREVIOUS CONVERSION DATA NEW DATA
BUSY
DATA BUS
CURRENT CONVERSION
Figure 13. Master Parallel Data Timing for Reading (Continuous Read) PARALLEL INTERFACE
t 12
t 13
Figure 14. Slave Parallel Data Timing for Reading (Read After Convert)
The AD7667 is configured to use the parallel interface when the SER/PAR is held low. The data can be read either after each conversion, which is during the next acquisition phase, or during the following conversion as shown, respectively, in Figure 14 and Figure 15. When the data is read during the conversion, however, it is recommended that it is read only during the first half of the conversion phase. That avoids any potential feedthrough between voltage transients on the digital interface and the most critical analog conversion circuitry.
The BYTESWAP pin allows a glueless interface to a 8 bits bus. As shown in Figure TBD, the LSB byte is output on D[7:0] and the MSB is output on D[15:8] when BYTESWAP is low. When BYTESWAP is high, the LSB and MSB bytes are swapped and the LSB is output on D[15:8] and the MSB is output on D[7:0]. By connecting BYTESWAP to an address line, the 16 bits data can be read in 2 bytes on either D[15:8] or D[7:0].
-18-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
EXT/INT = 1
CS
INVSCLK = 0
RD = 0
CNVST
BUSY
t3
t 36
SCLK
t 35 t 37
2 3 14 15 16
1
t 31
SDOUT
t 32
X D15 D14 D13 D1 D0
t 16
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)
MASTER SERIAL INTERFACE Internal Clock
CS
RD
BYTE
Pins D[15:8]
HI-Z HIGH BYTE t 12 t 12 LOW BYTE HIGH BYTE LOW BYTE
HI-Z t 13 HI-Z
The AD7667 is configured to generate and provide the serial data clock SCLK when the EXT/INT pin is held low. The AD7667 also generates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. Depending on RDC/ SDIN input, the data can be read after each conversion or during the following conversion. Figure 16 and Figure 17 show the detailed timing diagrams of these two modes. Usually, because the AD7667 is used with a fast throughput, the mode master, read during conversion is the most recommended serial mode when it can be used. In read-during-conversion mode, the serial clock and data toggle at appropriate instants which minimize potential feedthrough between digital activity and the critical conversion decisions. In read-after-conversion mode, it should be noted that, unlike in other modes, the signal BUSY returns low after the 16 data bits are pulsed out and not at the end of the conversion phase which results in a longer BUSY width.
Pins D[7:0]
HI-Z
Figure TBD, 8-bit Parallel Interface
CS = 0 CNVST , RD
t1
BUSY
t4 t3
SLAVE SERIAL INTERFACE
External Clock
PREVIOUS CONVERSION
DATA BUS
t 12
t 13
Figure 15. Slave Parallel Data Timing for Reading (Read During Convert) SERIAL INTERFACE
The AD7667 is configured to use the serial interface when the SER/PAR is held high. The AD7667 outputs 16 bits of data, MSB first, on the SDOUT pin. This data is synchronized with the 16 clock pulses provided on SCLK pin. The output data is valid on both the rising and falling edge of the data clock.
The AD7667 is configured to accept an externally supplied serial data clock on the SCLK pin when the EXT/INT pin is held high. In this mode, several methods can be used to read the data. The external serial clock is gated by CS. When CS and RD are both low, the data can be read after each conversion or during the following conversion. The external clock can be either a continuous or discontinuous clock. A discontinuous clock can be either normally high or normally low when inactive. Figure 18 and Figure 20 show the detailed timing diagrams of these methods. While the AD7667 is performing a bit decision, it is important that voltage transients not occur on digital input/output pins or degradation of the conversion result could occur. This is particularly important during the second half of the conversion phase because the AD7667 provides error correction circuitry that can correct for an improper bit -19-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
decision made during the first half of the conversion phase. For this reason, it is recommended that when an external clock is being provided, it is a discontinuous clock that is toggling only when BUSY is low or, more importantly, that it does not transition during the latter half of BUSY high.
External Discontinuous Clock Data Read After Conversion
valid on both rising and falling edge of the clock. The 16 bits have to be read before the current conversion is complete. If that is not done, RDERROR is pulsed high and can be used to interrupt the host interface to prevent incomplete data reading. There is no "daisy chain" feature in this mode and RDC/SDIN input should always be tied either high or low. To reduce performance degradation due to digital activity, a fast discontinuous clock of, at least 25 MHz, when impulse mode is used, 32 MHz when normal mode is used or 40 MHz when warp mode is used, is recommended to ensure that all the bits are read during the first half of the conversion phase. It is also possible to begin to read the data after conversion and continue to read the last bits even after a new conversion has been initiated. That allows the use of a slower clock speed like 18 MHz in impulse mode, 21 MHz in normal mode and 26 MHz in warp mode.
MICROPROCESSOR INTERFACING
Though the maximum throughput cannot be achieved using this mode, it is the most recommended of the serial slave modes. Figure 18 shows the detailed timing diagrams of this method. After a conversion is complete, indicated by BUSY returning low, the result of this conversion can be read while both CS and RD are low. The data is shifted out, MSB first, with 16 clock pulses and is valid on both rising and falling edge of the clock. Among the advantages of this method, the conversion performance is not degraded because there are no voltage transients on the digital interface during the conversion process. Another advantage is to be able to read the data at any speed up to 40 MHz which accommodates both slow digital host interface and the fastest serial reading. Finally, in this mode only, the AD7667 provides a "daisychain" feature using the RDC/SDIN input pin for cascading multiple converters together. This feature is useful for reducing component count and wiring connections when desired as, for instance, in isolated multiconverter applications. An example of the concatenation of two devices is shown in Figure 19. Simultaneous sampling is possible by using a common CNVST signal. It should be noted that the RDC/SDIN input is latched on the edge of SCLK opposite to the one used to shift out the data on SDOUT. Hence, the MSB of the "upstream" converter just follows the LSB of the "downstream" converter on the next SCLK cycle.
BUSY OUT BUSY BUSY
The AD7667 is ideally suited for traditional dc measurement applications supporting a microprocessor, and ac signal processing applications interfacing to a digital signal processor. The AD7667 is designed to interface either with a parallel 16bit-wide interface or with a general-purpose serial port or I/O ports on a microcontroller. A variety of external buffers can be used with the AD7667 to prevent digital noise from coupling into the ADC. The following sections illustrate the use of the AD7667 with an SPI-equipped microcontroller, the ADSP21065L and ADSP-218x signal processors.
SPI Interface (MC68HC11)
Figure 21 shows an interface diagram between the AD7667 and an SPI-equipped microcontroller like the MC68HC11. To accommodate the slower speed of the microcontroller, the AD7667 acts as a slave device and data must be read after conversion. This mode allows also the "daisy chain" feature. The convert command could be initiated in response to an internal timer interrupt. The reading of output data, one byte at a time, if necessary, could be initiated in response to the end-of-conversion signal (BUSY going low) using to an interrupt line of the microcontroller. The Serial Peripheral Interface (SPI) on the MC68HC11 is configured for master mode (MSTR = 1), Clock Polarity Bit (CPOL) = 0, Clock Phase Bit (CPHA) = 1 and SPI Interrupt Enable (SPIE = 1) by writing to the SPI Control Register (SPCR). The IRQ is configured for edge-sensitive-only operation (IRQE = 1 in OPTION register).
AD7667
#2 (UPSTREAM) RDC/SDIN SDOUT CNVST CS SCLK
AD7667
#1 (DOWNSTREAM) RDC/SDIN SDOUT CNVST CS SCLK DATA OUT
SCLK IN CS IN CNVST IN
Figure 19. Two AD7667s in a "Daisy-Chain" Configuration External Clock Data Read During Conversion
Figure 20 shows the detailed timing diagrams of this method. During a conversion, while both CS and RD are both low, the result of the previous conversion can be read. The data is shifted out, MSB first, with 16 clock pulses and is
-20-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
DVDD DVDD
AD7667*
SER/PAR EXT/INT
MC68HC11*
Figure 23 shows a connection diagram which allows that. Components values required and resulting fullscale ranges are shown in Table II. For applications where accurate gain and offset are desired, they can be calibrated by acquiring a ground and a voltage reference using an analog multiplexer, U2, as shown for bipolar input ranges in Figure 23.
CF
R1
R2
U1
BUSY CS
RD INVSCLK SDOUT SCLK
IRQ
MISO/SDI SCK I/O PORT
CNVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 21. Interfacing the AD7667 to SPI Interface ADSP-21065L in Master Serial Interface
As shown in Figure 22, the AD7667 can be interfaced to the ADSP-21065L using the serial interface in master mode without any glue logic required. This mode combines the advantages of reducing the number of wire connections and being able to read the data during or after conversion at user convenience. The AD7667 is configured for the internal clock mode (EXT/ INT low) and acts, therefore, as the master device. The convert command can be generated by either an external low jitter oscillator or, as shown, by a FLAG output of the ADSP21065L or by a frame output TFS of one serial port of the ADSP-21065L which can be used as a timer. The serial port on the ADSP-21065L is configured for external clock (IRFS = 0), rising edge active (CKRE = 1), external late framed sync signals (IRFS = 0, LAFS = 1, RFSR = 1) and active high (LRFS = 0). The serial port of the ADSP-21065L is configured by writing to its receive control register (SRCTL)--see ADSP-2106x SHARC User's Manual. Because the serial port within the ADSP-21065L will be seeing a discontinuous clock, an initial word reading has to be done after the ADSP-21065L has been reset to ensure that the serial port is properly synchronized to this clock during each following data read operation.
DVDD
ANALOG INPUT
IN
AD7667
U2
R3
R4
100nF
INGND REF
CREF
100nF
REFGND
Figure 23. Using the AD7667 in 16-Bit Bipolar and/or Wider Input Ranges
Table II. Component Values and Input Ranges
Input Range 10 V 5 V 0 V to -5 V
Layout
R1 250 500 1k
R2 2k 2k 2k
R3 10 k 10 k None
R4 8k 6.67 k 0
AD7667*
DVDD
ADSP-21065L*
SHARC
SER/PAR RDC/SDIN
The AD7667 has very good immunity to noise on the power supplies as can be seen in Figure 9. However, care should still be taken with regard to grounding layout. The printed circuit board that houses the AD7667 should be designed so the analog and digital sections are separated and confined to certain areas of the board. This facilitates the use of ground planes that can be easily separated. Digital and analog ground planes should be joined in only one place, preferably underneath the AD7667, or, at least, as close as possible to the AD7667. If the AD7667 is in a system where multiple devices require analog-to-digital ground connections, the connection should still be made at one point only, a star ground point, which should be established as close as possible to the AD7667. It is recommended to avoid running digital lines under the device as these will couple noise onto the die. The analog ground plane should be allowed to run under the AD7667 to avoid noise coupling. Fast switching signals like CNVST or clocks should be shielded with digital ground to avoid radiating noise to other sections of the board, and should never run near analog signal paths. Crossover of digital and analog signals should be avoided. Traces on different but close layers of the board should run
-21-
RD
EXT/INT
SYNC
SDOUT SCLK
RFS
DR RCLK FLAG OR TFS
CS
INVSYNC INVSCLK
CNVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 22. Interfacing to the ADSP-21065L Using the Serial Master Mode APPLICATION HINTS Bipolar and Wider Input Ranges
In some applications, it is desired to use a bipolar or wider analog input range like, for instance, 10 V, 5 V or 0 V to 5 V. Although the AD7667 has only one unipolar range, by simple modifications of the input driver circuitry, bipolar and wider input ranges can be used without any performance degradation.
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
at right angles to each other. This will reduce the effect of feedthrough through the board. The power supplies lines to the AD7667 should use as large trace as possible to provide low impedance paths and reduce the effect of glitches on the power supplies lines. Good decoupling is also important to lower the supplies impedance presented to the AD7667 and reduce the magnitude of the supply spikes. Decoupling ceramic capacitors, typically 100 nF, should be placed on each power supplies pins AVDD, DVDD, and OVDD close to, and ideally right up against, these pins and their corresponding ground pins. Additionally, low ESR 10 F capacitors should be located in the vicinity of the ADC to further reduce low frequency ripple. The DVDD supply of the AD7667 can be either a separate supply or come from the analog supply AVDD or the digital interface supply OVDD. When the system digital supply is noisy, or fast switching digital signals are present, it is recommended that if no separate supply available, connect the DVDD digital supply to the analog supply, AVDD, through an RC filter as shown in Figure 5, and connect the system supply to the interface digital supply, OVDD, and the remaining digital circuitry. When DVDD is powered from the system supply, it is useful to insert a bead to further reduce high-frequency spikes. The AD7667 has five different ground pins: INGND, REFGND, AGND, DGND, and OGND. INGND is used to sense the analog input signal. REFGND senses the reference voltage and should be a low impedance return to the reference because it carries pulsed currents. AGND is the ground to which most internal ADC analog signals are referenced. This ground must be connected with the least resistance to the analog ground plane. DGND must be tied to the analog or digital ground plane depending on the configuration. OGND is connected to the digital system ground.
Evaluating the AD7667 Performance
A recommended layout for the AD7667 is outlined in the evaluation board for the AD7667. The evaluation board package includes a fully assembled and tested evaluation board, documentation, and software for controlling the board from a PC via the Eval-Control Board.
-22-
REV. PrA
PRELIMINARY TECHNICAL DATA AD7667
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Lead Quad Flatpack (LQFP) (ST-48)
0.063 (1.60) MAX 0.030 (0.75) 0.018 (0.45)
0.354 (9.00) BSC SQ
48 1 37 36
TOP VIEW
(PINS DOWN)
0.276 (7.00) BSC SQ
25
COPLANARITY 0.003 (0.08) 0.008 (0.2) 0.004 (0.09)
0 MIN
12 13 24
0.019 (0.5) 0.011 (0.27) BSC 0.006 (0.17) 7 0 0.006 (0.15) SEATING 0.002 (0.05) PLANE 0.057 (1.45) 0.053 (1.35)
48-Lead Frame Chip Scale Package (LQFP) (CP-48)
0.024 (0.60) 0.017 (0.42) 0.009 (0.24) 0.024 (0.60) 0.017 (0.42) 37 0.009 (0.24) 36
0.276 (7.0) BSC SQ
48 1
PIN 1 INDICATOR
TOP VIEW
0.266 (6.75) BSC SQ
BOTTOM VIEW
0.215 (5.45) 0.209 (5.30) SQ 0.203 (5.15)
0.020 (0.50) 0.016 (0.40) 0.012 (0.30) 12 MAX 0.031 (0.80) MAX 0.026 (0.65) NOM 0.002 (0.05) 0.0004 (0.01) 0.0 (0.0)
25 24 13
12
0.012 (0.30) 0.009 (0.23) 0.007 (0.18)
0.039 (1.00) MAX 0.033 (0.85) NOM
0.020 (0.50) BSC
0.008 (0.20) REF
Pad Connected to AGND
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
REV. PrA
-23-


▲Up To Search▲   

 
Price & Availability of AD7653

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X